Part Number Hot Search : 
P4KA20A BAT74 5KP190C M61311SP 74F38SC ON3003 FCX591 2730129
Product Description
Full Text Search
 

To Download NTE1396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1396 Integrated Circuit 20W Bridge Booster for Car Radio
Description: The NTE1396 is a Class B dual audio power amplifier specifically designed for car radio applications. Power booster amplifiers are easily designed using this device that provides a high current capability (up to 3.5A) and that can drive very low impedance loads obtaining an output power of more than 20W. The NTE1396 has high reliability and guarantees complete safety during operation due to protection against: D Output DC and AC Short Circuit to GND or Across the Head D Overrating Chip Temperature (+150C) D Polarity Inversion D Load Dump Voltage Surge D Fortuitous Open GND D Very Inductive Loads Absolute Maximum Ratings: Operating Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V DC Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28V Peak Supply Voltage (for 50ms), VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Output Peak Current (Note 1), IO Non-Repetitive (t = 0.1ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A Repetitive (f > 10Hz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5A Power Dissipation (TC = +60C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3C/W Note 1. Max output current is internally limited.
Electrical Characteristics: (TA = +25C, Gv = 50dB, Rth(HS) = 4C/W, unless otherwise specified)
Parameter Supply Voltage Output Offset Voltage (Between Pin8 & Pin10) Total Quiescent Drain Current Symbol VS VOS Id PO VS = 14.4V VS = 13.2V VS = 14.4V, RL = 4 VS = 13.2V, RL = 3.2 Output Power d = 10%, f = 1kHz VS = 14.4V, RL = 4 VS = 14.4V, RL = 3.2 VS = 13.2V, RL = 3.2 Distortion d f = 1kHz VS = 14.4V, RL = 4, PO = 50mW to 15W VS = 13.2V, RL = 3.2, PO = 50mW to 13W Input Sensitivity Input Resistance Low Frequency Roll Off (-3.2) High Frequency Closed Loop Voltage Gain Total Input Noise Voltage Supply Voltage Rejection Efficiency Vi Ri fL fH Gv eN SVR RL = 4 RL = 3.2 f = 1kHz RL = 3.2 RL = 3.2 f = 1kHz Rg = 10K, Note 2 Rg = 10K , C4 = 10F, fripple = 100Hz, Vripple = 0.5V VS = 14.4V , f = 1kHz PO = 20W, RL = 4 PO = 22W, RL = 3.2 f = 1kHz, PO = 2W Test Conditions Min 8 - - - - 18 20 17 - - - - 70 - 20 - - 45 - - - 100 - - Typ - - - 75 70 20 22 19 - - 9 8 - - - 50 3 55 60 60 58 110 - - Max Unit 18 150 150 150 160 - - - 1 1 - - - 40 - - 10 - - - - - 2 2 V mV mV mA mA W W W % % mV mV k Hz kHz dB V dB % % % C V V
VS = 13.2V, f = 1kHz, PO = 19W, RL = 3.2 Thermal Shut-Down Case Temperature Output Voltage with One Side of the Speaker Shorted to GND Tsd VOSH VS = 14.4V, RL = 4, f = 1kHz, Ptot = 13W VS = 14.4V, RL = 4 VS = 13.2V, RL = 3.2V
Note 2. Bandwidth filter 22Hz to 22kHz
Pin Connection Diagram (Front View)
11 Bootstrap 1 10 Output 1 9 (+) VS 8 Output 2 7 Bootstrap 2 6 GND 5 (+) Input 2 4 (-) Input 2 3 SVRR 2 (-) Input 1 1 (+) Input 1
.791 (20.1)
.196 (4.99) .062 (1.52)
Note
.110 (2.79)
.150 (3.81) Dia Max
.689 (17.5) .696 (17.68)
1
11
.858 (21.79)
.067 (1.7)
.008 (.203)
.200 (5.08)
.169 (4.29)
NOTE: Tab connected to Pin6


▲Up To Search▲   

 
Price & Availability of NTE1396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X